Part Number Hot Search : 
ON1518 MT90503 6EL1SCM N2238 N74F823N S8812 IRFU3 E004871
Product Description
Full Text Search
 

To Download FR151G-FR157G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR151G thru FR157G
GLASS FAST RECOVERY RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.5 Amperes DO-15
FEATURES
Fast switching for high efficiency Low cost Diffused junction Low reverse leakage current Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0
1.0(25.4) MIN.
.034(0.9) .028(0.7)
DIA
.300(7.6) .230(5.8) .140(3.6) .104(2.6) DIA.
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic Polarity: Color band denotes cathode Weight: 0.015 ounces , 0.4 grams Mounting position: Any
1.0(25.4) MIN
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 1.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA=75
SYMBOL FR151G FR152G FR153G FR154G FR155G FR156G FR157G VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 400 280 400 1.5 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM VF IR TRR CJ RJA TJ TSTG 150 30
60 1.3 5.0 100 250 20 25 -55 to +150 -55 to +150 500
A V A nS pF /W
Maximum Reverse Recovery Time(Note 1) Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction of ambient.
~ 63 ~
RATING AND CHARACTERTIC CURVES FR151G thru FR157G
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES 1.5 AVERAGE FORWARD CURRENT AMPERES 60 50 40 30 20 10 0
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
1.0
0.5
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 25 50 75 100 125 150 175
1
2
5
10
20
50
100
AMBIENT TEMPERATURE ()
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT,(A) 10
FIG.4-TYPICAL FORWARD CHARACTERISTICS
FR151G - FR154G
1.0
CAPACITANCE ,(pF)
10
FR155G - FR157G
TJ = 25C
0.1
TJ = 25C f = 1 MHz
PULSE WIDTH 300us
1 1 4 10 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE ,VOLTS
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
~ 64 ~


▲Up To Search▲   

 
Price & Availability of FR151G-FR157G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X